Part Number Hot Search : 
2SC380TM AQY21 M8053 TCSCS0J 2SC3779 BDV65A EM564166 1N3963
Product Description
Full Text Search
 

To Download 6N50L-TA3-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd 6n50 preliminary power mosfet www.unisonic.com.tw 1 of 6 copyright ? 2011 unisonic technologies co., ltd qw-r502-526.b 6a, 500v n-channel power mosfet ? description the utc 6n50 is an n-channel mode power mosfet using utc?s advanced technology to provide customers with planar stripe and dmos technology. this technology allows a minimum on-state resistance and superior switching per formance. it also can withstand high energy pulse in the avalanche and commutation mode. the utc 6n50 is generally applied in high efficiency switch mode power supplies, active power factor correction and electronic lamp ballasts based on half bridge topology. ? features * v ds = 500v * i d = 6a * r ds(on) =1.15 ? @ v gs =10v * high switching speed * 100% avalanche tested ? symbol 1.gate 3.source 2.drain to-220 to-220f 1 1 ? ordering information ordering number pin assignment lead free halogen free package 1 2 3 packing 6N50L-TA3-T 6n50g-ta3-t to-220 g d s tube 6n50l-tf3-t 6n50g-tf3-t to-220f g d s tube note: pin assignment: g: gate d: drain s: source
6n50 preliminary power mosfet unisonic technologies co., ltd 2 of 6 www.unisonic.com.tw qw-r502-526.b ? absolute maximum ratings (t c =25c, unless otherwise specified) parameter symbol ratings unit drain-source voltage v dss 500 v gate-source voltage v gss 30 v continuous (t c =25c) i d 6 (note 2) a drain current pulsed (note 3) i dm 24 (note 2) a avalanche current (note 3) i ar 6 a single pulsed (note 4) e as 270 mj avalanche energy repetitive (note 5) e ar 20 mj peak diode recovery dv/dt (note 5) dv/dt 4.5 v/ns to-220 89 power dissipation (t c =25c) to-220f 31 w to-220 0.71 derate above 25c to-220f p d 0.24 w/c junction temperature t j +150 c storage temperature t stg -55~+150 c note: 1. absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. 2. drain current limited by maximum junction temperature 3. repetitive rating: pulse width lim ited by maximum junction temperature 4. l =13mh, i as = 6a, v dd = 50v, r g = 25 ? , starting t j = 25c 5. i sd 6a, di/dt 200a/s, v dd bv dss , starting t j = 25c ? thermal data parameter symbol ratings unit to-220 62.5 junction to ambient to-220f ja 62.5 c/w to-220 1.4 junction to case to-220f jc 4.0 c/w
6n50 preliminary power mosfet unisonic technologies co., ltd 3 of 6 www.unisonic.com.tw qw-r502-526.b ? electrical characteristics (t c =25c, unless otherwise noted) parameter symbol test conditions min typ max unit off characteristics drain-source breakdown voltage bv dss i d =250a, v gs =0v 500 v drain-source leakage current i dss v ds =500v, v gs =0v 10 a forward v gs =+30v, v ds =0v +100 na gate- source leakage current reverse i gss v gs =-30v, v ds =0v -100 na on characteristics gate threshold voltage v gs(th) v ds =v gs , i d =250a 2.0 4.0 v static drain-source on-state resistance r ds(on) v gs =10v, i d =3a 0.95 1.15 ? dynamic parameters input capacitance c iss 720 960 pf output capacitance c oss 85 115 pf reverse transfer capacitance c rss v gs =0v, v ds =25v, f=1.0mhz 6.3 10 pf switching parameters total gate charge q g 15 20 nc gate to source charge q gs 4.5 nc gate to drain charge q gd v gs =10v, v ds =400v, i d =6a (note 1, 2) 6 nc turn-on delay time t d(on) 17 45 ns rise time t r 30 70 ns turn-off delay time t d(off) 35 80 ns fall-time t f v dd =250v, i d =6a, r g =25 ? (note 1, 2) 20 50 ns source- drain diode ratings and characteristics maximum body-diode continuous current i s 6 a maximum body-diode pulsed current i sm 24 a drain-source diode forward voltage v sd i s =6a, v gs =0v 1.5 v body diode reverse recovery time t rr 85 ns body diode reverse recovery charge q rr i s =6a, v gs =0v, di f /dt=100a/s (note 1) 0.15 c notes: 1. pulse test: pulse width 300s, duty cycle 2% 2. essentially independent of operating temperature
6n50 preliminary power mosfet unisonic technologies co., ltd 4 of 6 www.unisonic.com.tw qw-r502-526.b ? test circuits and waveforms 50k ? 300nf dut v ds 10v 12v charge q gs q gd q g gate charge test circuit gate charge waveforms v gs v gs 200nf same type as dut 3ma 10v t p r g dut l v ds i d v dd unclamped inductive switching test circuit t p v dd i as bv dss i d (t) v ds (t) time e as = 2 1 li as 2 bv dss bv dss -v dd unclamped inductive switching waveforms
6n50 preliminary power mosfet unisonic technologies co., ltd 5 of 6 www.unisonic.com.tw qw-r502-526.b v ds + - dut r g dv/dt controlled by r g i sd controlled by pulse period v dd peak diode recovery dv/d t test circuit & waveforms same type as dut i sd v gs l v gs (driver) i sd (dut) v ds (dut) d= gate pulse width gate pulse period 10v di/dt body diode reverse current i rm body diode recovery dv/dt v dd v sd body diode forward voltage drop i fm , body diode forward current driver
6n50 preliminary power mosfet unisonic technologies co., ltd 6 of 6 www.unisonic.com.tw qw-r502-526.b utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior writ ten consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of 6N50L-TA3-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X